Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7591 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7591
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7591 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7591 Datasheet HTML 6Page - Leadtrend Technology LD7591 Datasheet HTML 7Page - Leadtrend Technology LD7591 Datasheet HTML 8Page - Leadtrend Technology LD7591 Datasheet HTML 9Page - Leadtrend Technology LD7591 Datasheet HTML 10Page - Leadtrend Technology LD7591 Datasheet HTML 11Page - Leadtrend Technology LD7591 Datasheet HTML 12Page - Leadtrend Technology LD7591 Datasheet HTML 13Page - Leadtrend Technology LD7591 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LD7591
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7591-DS-00 March 2010
Application Information
Operation Overview
The LD7591 is an excellent voltage mode PFC controller.
It meets the IEC61000-3-2 requirement and is intended
for the use in those pre-regulator that demand low power
harmonics distortion. It integrated more functions to
reduce the external components counts and the size. Its
major features are described as below.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage on the VCC pin. It would assure the supply
voltage enough to turn on the LD7591 PFC controllers
and further to drive the power MOSFET. As shown in
Fig. 12, a hysteresis is built in to prevent the shutdown
from the voltage dip during start up. The turn-on and
turn-off threshold level are set at 12.0V and 8.5V,
respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
I(Vcc)
startup current
(~uA)
operating current
(~ mA)
Fig. 12
Startup Current and Startup Circuit
The typical startup circuit to generate the LD7591 Vcc is
shown in Fig. 13. During the startup transient, the Vcc is
lower than the UVLO threshold thus there is no gate pulse
produced from LD7591 to drive power MOSFET.
Therefore, the current through R1 will provide the startup
current and to charge the capacitor C1. Whenever the
Vcc voltage is high enough to turn on the LD7591 and
further to deliver the gate drive signal, the supply current
is provided from the auxiliary winding of the PFC choke.
Lower startup current requirement on the PFC controller
will help to increase the value of R1 and then reduce the
power consumption on R1. By using CMOS process and
the special circuit design, the maximum startup current of
LD7591 is only 30
μA. If a higher resistance value of R1 is
chosen, it usually takes more time to start up. To carefully
select the value of R1 and C1 will optimize the power
consumption and startup time.
Fig. 13
Output Voltage Setting
The LD7591 monitors the output voltage signal at INV pin
through a resistor divider pair Ra and Rb. A
transconductance amplifier is used instead of the
conventional voltage amplifier. The transconductance
amplifier (voltage controlled current source) aids the
implementation of OVP and disables function. The output
current of the amplifier changes according to the voltage
difference of the inverting and non-inverting input of the
amplifier. The output voltage of the amplifier is compared
with the internal ramp signal to generate the turn-off
signal. The output voltage is determined by the following
relationship.
)
Rb
Ra
1
(
V
5
.
2
VOUT
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com