Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7591 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7591
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7591 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7591 Datasheet HTML 9Page - Leadtrend Technology LD7591 Datasheet HTML 10Page - Leadtrend Technology LD7591 Datasheet HTML 11Page - Leadtrend Technology LD7591 Datasheet HTML 12Page - Leadtrend Technology LD7591 Datasheet HTML 13Page - Leadtrend Technology LD7591 Datasheet HTML 14Page - Leadtrend Technology LD7591 Datasheet HTML 15Page - Leadtrend Technology LD7591 Datasheet HTML 16Page - Leadtrend Technology LD7591 Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LD7591
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7591-DS-00 March 2010
Output Drive Stage
An output stage of a CMOS buffer, with typical
800mA/-1200mA driving capability, is incorporated to
drive a power MOSFET directly. The output voltage is
clamped at 13V to protect the MOSFET gate even when
the VCC voltage is higher than 13V.
Current
Sensing
and
Leading-edge
Blanking
The typical voltage mode of PFC controller feedbacks the
voltage signals to close the control loop and achieve
regulation. The LD7591 detects the primary MOSFET
current from the CS pin, which is for the pulse-by-pulse
current limit. The maximum voltage threshold of the
current sensing pin is set at 0.8V. From above, the
MOSFET peak current can be obtained from below.
S
)
MAX
(
PEAK
R
V
8
.
0
I
=
A 250ns leading-edge blanking (LEB) time is included in
the input of CS pin to prevent the false-trigger from the
current spike. The R-C filter may be eliminated in some
low power applications, such as the pulse width of the
turn-on spikes is below 250ns and the negative spike on
the CS pin is below -0.3V.
However, the pulse width of the turn-on spike is
determined according to the output power, circuit design
and PCB layout. It is strongly recommended to adopt a
smaller R-C filter for higher power application to avoid the
CS pin being damaged by the negative turn-on spike.
Fig. 20
Fault Protection
There are several critical protections integrated in the
LD7591 to prevent the power supply or adapter from
being damaged. Those damages usually come from open
or short condition on the pins of LD7591.
Under the conditions listed below, the gate output will turn
off immediately to protect the power circuit ---
1.
Ramp pin short to ground
2.
Ramp pin floating
3.
CS pin floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com