Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7830GS Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7830GS
Description  High Power Factor Flyback LED Controller with HV Start-up
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7830GS Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7830GS Datasheet HTML 1Page - Leadtrend Technology LD7830GS Datasheet HTML 2Page - Leadtrend Technology LD7830GS Datasheet HTML 3Page - Leadtrend Technology LD7830GS Datasheet HTML 4Page - Leadtrend Technology LD7830GS Datasheet HTML 5Page - Leadtrend Technology LD7830GS Datasheet HTML 6Page - Leadtrend Technology LD7830GS Datasheet HTML 7Page - Leadtrend Technology LD7830GS Datasheet HTML 8Page - Leadtrend Technology LD7830GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LD7830
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7830-DS-01a
August 2012
Absolute Maximum Ratings
Supply Voltage VCC
-0.3 ~30V
High voltage pin, HV
-0.3~600V
OUT
-0.3 ~VCC +0.3V
COMP, CS, ZCD
-0.3 ~6V
Maximum Junction Temperature
150
C
Operating Junction Temperature Range
-40
C to 125C
Operating Ambient Temperature Range
-40
C to 85C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOP-8, SOP-7
JA)
160
C/W
Package Thermal Resistance (DIP-8,
JA)
100
C/W
Power Dissipation (SOP-8, SOP-7, at Ambient Temperature = 85
C)
250mW
Power Dissipation (DIP-8, at Ambient Temperature = 85
C)
400mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model (except HV pin)
2.5KV
ESD Voltage Protection, Machine Model
250V
ESD Voltage Protection, Human Body Model (HV pin only)
1KV
Caution:
Stresses beyond the ratings specified in
“Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Vcc pin capacitor
4.7
47
F
Comp pin capacitor
1
10
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com