Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7830GS Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7830GS
Description  High Power Factor Flyback LED Controller with HV Start-up
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7830GS Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7830GS Datasheet HTML 9Page - Leadtrend Technology LD7830GS Datasheet HTML 10Page - Leadtrend Technology LD7830GS Datasheet HTML 11Page - Leadtrend Technology LD7830GS Datasheet HTML 12Page - Leadtrend Technology LD7830GS Datasheet HTML 13Page - Leadtrend Technology LD7830GS Datasheet HTML 14Page - Leadtrend Technology LD7830GS Datasheet HTML 15Page - Leadtrend Technology LD7830GS Datasheet HTML 16Page - Leadtrend Technology LD7830GS Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LD7830
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7830-DS-01a
August 2012
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
t
OUT
OLP Delay Time
Switching
Switching
Non-Switching
OLP trip Level
4nd UVLO(off)
OLP Counter Reset
Fig. 19
OVP (Over Voltage Protection) on Vcc
The maximum rating of the VCC pin is limited below 29V.
To prevent VCC from the fault condition, the LD7830 is
implemented with OVP function on Vcc pin. As soon as
the Vcc voltage is over OVP threshold voltage, the output
gate drive circuit will be shutdown simultaneously thus to
stop the switching of the power MOSFET until the next
UVLO(on). The Vcc OVP function of the LD7830 is an
auto-recovery protection. The Fig. 20 shows its operation.
Upon removal of the OVP condition will resume the Vcc
level and the output operation
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig. 20
Fault Protection
There are several critical protections were integrated in
the LD7830 to prevent the power supply or adapter from
being damaged. Those damages usually come from open
or short condition caused to LD7830.
Once it happens in below condition, the gate output will
turn off immediately to protect the power circuit ---
1.
Comp pin floating
2.
CS pin floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com