Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # TL431
Description  Programmable output voltage to 36V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

TL431 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  TL431 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Accuracy Adjustable Shunt Regulator
TL431(D)
第 1 页 共 6 页
GENERAL DESCRIPTION
The TL431 is a three-terminal adjustable
regulator series with a guaranteed thermal
stability over applicable temperature ranges. The
output voltage may be set to any value between
Vref (approximately 2.495 volts) and 40 volts with
two external resistors. These devices have a
typical dynamic output impedance of 0.2Ω. Active
output circuitry provides a very sharp turn-on
characteristic making these devices excellent
replacement
for
zener
diodes
in
many
applications. The TL431
is characterized for
operation from -40℃ to +125℃.
FEATURES
Programmable output voltage to 36V
Low dynamic output Impedance 0.2Ω.
Sink current capability of 1 mA to 100 mA.
Equivalent full-range temperature coefficient
of 50 ppm/℃
Temperature compensated for peration over
full Rated operating Temperature Range
Low output noise voltage .
Fast turn on respons.
Provided pb-free packages.
ESD tolerance (human body model) 2000V.
Package outline: TO-92, SOT-23.
TO-92
SOT-23
Internal Function Block Diagram


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431XM AUK-A431XM Datasheet
368Kb / 4P
Programmable Voltage Reference (Programmable output voltage to 20 volts)
A431XSF AUK-A431XSF Datasheet
362Kb / 4P
Programmable Voltage Reference (Programmable output voltage to 20 volts)
AF431XSF AUK-AF431XSF Datasheet
363Kb / 4P
Programmable Voltage Reference (Programmable output voltage to 20 volts)
logo
HTC Korea TAEJIN Techno...
TL431 HTC-TL431 Datasheet
385Kb / 11P
Programmable Output Voltage to 40V
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Leshan Radio Company
LR431AH LRC-LR431AH Datasheet
210Kb / 5P
Programmable output Voltage to 36V Low dynamic output impedance 0.2廓
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
The output voltage can be adjusted to 36V
logo
Leshan Radio Company
LR431AD LRC-LR431AD Datasheet
1Mb / 5P
Programmable output Voltage to 36V. Low dynamic output impedance 0.2?
logo
Shanghai Leiditech Elec...
AZ431 LEIDITECH-AZ431 Datasheet
1Mb / 19P
Programmable Precise Output Voltage from 2.5V to 36V or 18V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com