Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8266 Datasheet(PDF) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
!
3. SPI Compatibility Mode User Guide
3.
SPI Compatibility Mode User
Guide
3.1. Functional Overview
This protocol uses the SDIO mode of the ESP8266 to communicate with other processor's
SPI hosts. The electrical interface is connected through signal line No.4, including the
SCLK, MOSI, MISO and interrupt signal No.1 in the SPI protocol (note: no CS signal).
Downloading the ESP8266 SDIO can be different from downloading other programs. When
the ESP8266 starts, the system reads the pin shared by the SPI interface and the SDIO
interface by default. Therefore, the SDIO module communication protocol should be used.
The ESP8266 should start in the SDIO mode, and then, the host will start the chip in the
ESP8266 RAM through the SDIO downloaded programs. The majority of the programs that
directly use CPU CACHE to call FLASH can be burnt to the FLASH chip connected to the
HSPI interface beforehand.
Data received or sent by the ESP8266 SDIO is processed directly by the DMA module that
supports linked list index.
The ESP8266 can receive and send the SDIO packets efficiently without using the CPU. It
does so through the address of the memory map linked list.
3.2. DEMO Solution
3.2.1. Introduction
The host is the Red Dragon demo board with STM32F103ZET6 as its core.The software is
the FreeRTOS system developed by the IAR platform. The slave is the ESP_IOT reference
board, which is based on the v0.9.3 SDK development.
3.2.2. ESP8266 Software Compiling and Downloading
•
In the SDIO communication demo
\esp_iot_sdk_v0.9.3_sdio_demo\ap, use the
compiler to compile and generate the bin documents for downloading in order to
complete the ESP8266 DEMO work.
•
ibmain.a in SDIO communication demo
\esp_iot_sdk_v0.9.3_sdio_demo\lib is
different from the version released in v0.9.3. When you use the released version of
the SDK, use
libmain.a in the DEMO to replace the original one. The new libmain.a
will start the chip, and exchange the SPI module that reads FLASH and the HSPI
mapping pin. Then, you can use DEMO to compile and generate.
•
Copy
eagle.app.v6.irom0text.bin in SDIO communication demo
\esp_iot_sdk_v0.9.3_sdio_demo\bin to SDIO communication demoboard
Espressif
! /!
13 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com