Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8266 Datasheet(PDF) 72 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 72 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 68Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 69Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 70Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 71Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 72Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 73Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 74Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 75Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 76Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 117 page
background image
!
8. HSPI Host Multi-device API
8.
HSPI Host Multi-device API
8.1. Functional Overview
ESP8266 encapsulates two SPI (Serial Peripheral Interfaces) bus segments, shortly named
SPI and HSPI. SPI bus is especially used to read CPU programming code from the external
Flash, while HSPI bus is used for SPI device communication.
When ESP8266 is working as a host, HSPI bus can operate with three user devices,
besides, it also supports one external Flash writing operation. User devices are supported
through selection with CS lines. To be more specific,
In the above-mentioned ways of connection, SPI bus shares the same external Flash with
HSPI bus. Apart from the memory occupied by programs and related configurations, the
rest Flash memory can all be used for reading and writing of user programs.
8.2. Hardware Connection
Generally speaking, SPI slave devices specify four logic signals: SCLK, MOSI, MISO, and
CS.
HSPI bus can operate with three different user devices, the ways of connection are
explained below:
Mode
Device Name
HSPI Default IO
User device 1
SPI OVERLAP and CS1
User device 2
SPI OVERLAP and CS2
User device 3
SPI OVERLAP and CS0
Flash
⚠ Notice:
• Operation with devices via HSPI host implemented by software programming is not supported in the
API functions.
•
When downloading user programs, the clock frequency of SPI bus used for reading Flash data should
be set at 80 MHz. SPI clock frequency should be specified as 80 MHz at SPI OVERLAP and CS1
mode or SPI OVERLAP and CS2 mode.
Mode
Pin Name of Host ESP8266
SPI bus Signal Line
HSPI Default IO
MTDO
CS
MTCK
MOSI
MTDI
MISO
Espressif
! /!
64 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com