Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP1-QFN Datasheet(PDF) 13 Page - RFbeam Microwave GmbH

Part # RSP1-QFN
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1-QFN Datasheet(HTML) 13 Page - RFbeam Microwave GmbH

Back Button RSP1-QFN Datasheet HTML 9Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 10Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 11Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 12Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 13Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 14Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 15Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 16Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 17Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
8 Software Parameter Settings
Parameters may be set by the command interface. It works at 38.4kBaud, 1 stop bit and no parity.
8.1 Parameter Storage
All parameters except real-time and debug parameters are permanently stored into the processor-
internal EEPROM.
Fig. 11: EEPROM parameter organization
Parameters are divided into classes:
Parameter Type
Par.
Class
EEPROM
Purpose
Application parameters
A
Yes
End-User specific settings in final application
System parameters
S
Yes
Application specific parameters
Array parameters
X
Yes
Application specific tables
Real time read parameters
R
No
Real-Time information on processing state
Real time write parameters
W
No
Real-Time commands
Debug parameters
D
No
Debug behavior control
Table 6: Setting parameter types and classes
8.2 Parameter Format
Parameter changes (except class W and D) will be directly stored into the EEPROM user space.
Parameters are set by a serial UART interface and may be set by a host CPU or by an ASCII terminal:
Physical format:
38.4KBaud, 8 bit data, 1 stop-bit, no parity ("8n1")
Format:
Request with prefix $; answers come with @ prefix
<CR> represents Enter key (0x0D hex)
$
aa P nn vv <CR>
Example request
RSP response
Comment
$A02<CR>
$A0207<CR>
@A0209<CR><LF>
@A0207<CR><LF>
Actual value request
Set new value
Table 7: Setting parameter format (Node ID is reserved for future RSP1 derivatives)
8.2.1 Error messages (RSP response)
@E01: value out of limits
@E02: parameter number does not exist
@E03: parameter class does not exist
@E04: writing to EEPROM error
@E05: command format error
@E06: UART communication error
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
13/25
Factory Default Parameters
User Parameters
- first run
- on request
Set by serial
command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com