Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP1-QFN Datasheet(PDF) 21 Page - RFbeam Microwave GmbH

Part # RSP1-QFN
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1-QFN Datasheet(HTML) 21 Page - RFbeam Microwave GmbH

Back Button RSP1-QFN Datasheet HTML 17Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 18Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 19Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 20Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 21Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 22Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 23Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 24Page - RFbeam Microwave GmbH RSP1-QFN Datasheet HTML 25Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
14 Sample Schematics
For complete schematics, please refer to the RSP1_Eval-Kit user manual.
14.1 Amplifiers
14.1.1 Sensor Outputs
A moving object in range of a Radar sensor (often called “transceiver “) generates a low frequency output
signal. Frequency depends on the object speed. Amplitude depends on distance, reflectivity and size of
the object. Doppler frequency fd is proportional to the object speed v:
f
d = v⋅
44Hz
km/ h
⋅
cosα
or
f
d = v⋅
158Hz
m/ s
⋅
cosα
with
Note that the angle of the moving object reduces Doppler frequency.
Radar sensor signals have low frequency outputs called 'IF' outputs.
Most sensors of the K-LCx family do not have an integrated amplifier. This makes these devices
universal and low cost. Different applications need different amplification and frequency response.
Sensor output amplitude can range from less than 100nV to some mV .
14.1.2 Amplifier Structures
The following example schematics show 2 channel (I/Q) solutions with one- and two stage amplifiers.
Dual channel configurations need I/Q (sometimes called "stereo" sensors) like K-LC2, K-LC5, K-LC6 etc.
Dual channel configurations are state-of-the-art solutions with much better noise and interference
suppression than single channel solutions. Furthermore, dual channel allows distinguishing approaching
and receding objects.
Please refer also to Table 4: Useful signal level conversions.
Single channel solutions need less components and can be used with low cost sensors like K-LC1 or
K-LC3.
If only 1 channel is required, only amp of channel 'I' is is needed, but RSP1 inputs 'RADAR_I1'
and 'RADAR_Q1' must be connected together.
RSP1 provides an internal programmable gain amplifier with gains from 1 to 32 (0dB to 30dB).
Gain is set by parameter 'S09'. Default setting is 32.
A
total = Aintern⋅Aextern
- > in our examples
A
total =16⋅500 =8'000 or 24dB+54dB= 78dB
Maximum detection range is a function of the signal/noise (S/N) ratio at the RSP1 input.
Higher gain does not automatically mean higher detection range.
For more details on optimal amplification refer to the RSP1_Eval-Kit manual.
Dual amp stage structures allow higher external gains, higher bandwidth and lower gain.
If high speed detection at maximum range is required, dual amp stage is the right choice.
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
21/25
α
Radar sensor
moving
object



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com