Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90335 Datasheet(PDF) 21 Page - Fuji Electric

Part # MB90335
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB90335 Datasheet(HTML) 21 Page - Fuji Electric

Back Button MB90335 Datasheet HTML 17Page - Fuji Electric MB90335 Datasheet HTML 18Page - Fuji Electric MB90335 Datasheet HTML 19Page - Fuji Electric MB90335 Datasheet HTML 20Page - Fuji Electric MB90335 Datasheet HTML 21Page - Fuji Electric MB90335 Datasheet HTML 22Page - Fuji Electric MB90335 Datasheet HTML 23Page - Fuji Electric MB90335 Datasheet HTML 24Page - Fuji Electric MB90335 Datasheet HTML 25Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
MB90335 Series
21
(Continued)
• Explanation on read/write
• Explanation of initial values
Note : No IO instruction can be used for registers located between 007900H to 007FFFH.
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
007920H
DBAPL
DMA Buffer Address Pointer Lower 8-bit
R/W
µDMAC
XXXXXXXXB
007921H
DBAPM
DMA Buffer Address Pointer Middle 8-bit
R/W
XXXXXXXXB
007922H
DBAPH
DMA Buffer Address Pointer Higher 8-bit
R/W
XXXXXXXXB
007923H
DMACS
DMA Control Register
R/W
XXXXXXXXB
007924H
DIOAL
DMA I/O Register Address Pointer Lower
8-bit
R/W
XXXXXXXXB
007925H
DIOAH
DMA I/O Register Address Pointer
Higher 8-bit
R/W
XXXXXXXXB
007926H
DDCTL
DMA Data Counter Lower 8-bit
R/W
XXXXXXXXB
007927H
DDCTH
DMA Data Counter Higher 8-bit
R/W
XXXXXXXXB
007928H
to
007FFFH
Prohibited
R/W Read and write enabled
R
Read only
W
Write only
0
: Initial Value is “0”.
1
: Initial Value is “1”.
X
: Initial Value is undefined.
-
: Initial Value is undefined (None).
Preliminary
2004.01.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com