Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90335 Datasheet(PDF) 7 Page - Fuji Electric

Part # MB90335
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB90335 Datasheet(HTML) 7 Page - Fuji Electric

Back Button MB90335 Datasheet HTML 3Page - Fuji Electric MB90335 Datasheet HTML 4Page - Fuji Electric MB90335 Datasheet HTML 5Page - Fuji Electric MB90335 Datasheet HTML 6Page - Fuji Electric MB90335 Datasheet HTML 7Page - Fuji Electric MB90335 Datasheet HTML 8Page - Fuji Electric MB90335 Datasheet HTML 9Page - Fuji Electric MB90335 Datasheet HTML 10Page - Fuji Electric MB90335 Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
MB90335 Series
7
(Continued)
* : For circuit information, see “s I/O CIRCUIT TYPE”.
Pin no.
Pin name
Circuit
type*
Status at
reset/
function
Function
QFPM09
54, 55
P60, P61
C
Port input
(High-Z)
General purpose input/output port. (withstand voltage of 5 V)
INT0, INT1
Functions as the input pin for external interrupt ch0 and ch1.
56
P62
C
General purpose input/output port. (withstand voltage of 5 V)
INT2
Functions as the input pin for external interrupt ch2.
SIN
Data input pin for simple serial IO.
57
P63
C
General purpose input/output port. (withstand voltage of 5 V)
INT3
Functions as the input pin for external interrupt ch3.
SOT
Data output pin for simple serial IO
58
P64
C
General purpose input/output port. (withstand voltage of 5 V)
INT4
Functions as the input pin for external interrupt ch4.
SCK
Clock I/O pin for simple serial IO.
59
P65
C
General purpose input/output port. (withstand voltage of 5 V)
INT5
Functions as the input pin for external interrupt ch5.
PWC
Functions as the PWC input pin.
60
P66
C
General purpose input/output port.
INT6
Functions as the input pin for external interrupt ch6.
SCL0
Functions as the input/output pin for I2C interface clock. The port
output must be placed in High-Z state during I2C interface
operation.
61
P67
C
General purpose input/output port.
INT7
Functions as the input pin for external interrupt ch7.
SDA0
Functions as the I2C interface data input/output pin. The port out-
put must be placed in High-Z state during I2C interface operation.
1
VBUS
C
VBUS input Status detection pin of USB cable.
3DVM
J
USB input
(SUSPEND)
USB function D
− pin.
4
DVP
J
USB function D
+ pin.
7
HVM
J
USB Mini Host D
− pin.
8
HVP
J
USB Mini Host D
+ pin.
10
HCONX
E
High output External pull-up resistor connection pin.
21, 22
MD1, MD0
B
Mode input
Pin
Input pin for selecting operation mode.
20
MD2
G
5Vcc
Power
supply
Power supply pin.
9Vcc
Power supply pin.
49
Vcc
Power supply pin.
2Vss
Power supply pin (GND).
6Vss
Power supply pin (GND).
19
Vss
Power supply pin (GND).
48
Vss
Power supply pin (GND).
Preliminary
2004.01.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com