Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M032FD3AE Datasheet(PDF) 80 Page - Nuvoton Technology Corporation

Part # M032FD3AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE Datasheet(HTML) 80 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 76Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 77Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 78Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 79Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 80Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 81Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 82Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 83Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 84Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 274 page
background image
M031/M032
Feb 25, 2019
Page 80 of 274
Rev. 1.01
nRESET Reset
6.2.2.1
The nRESET reset means to generate a reset signal by pulling low nRESET pin, which is an
asynchronous reset input pin and can be used to reset system at any time. When the nRESET voltage
is lower than 0.2 VDD and the state keeps longer than 32 us (glitch filter), chip will be reset. The
nRESET reset will control the chip in reset state until the nRESET voltage rises above 0.7 VDD and the
state keeps longer than 32 us (glitch filter). The PINRF(SYS_RSTSTS[1]) will be set to 1 if the
previous reset source is nRESET reset. Table 6.2-2 shows the nRESET reset waveform.
nRESET
0.2 VDD
0.7 VDD
nRESET Reset
32 us
32 us
Figure 6.2-2 nRESET Reset Waveform
Power-on Reset (POR)
6.2.2.2
The Power-on reset (POR) is used to generate a stable system reset signal and forces the system to
be reset when power-on to avoid unexpected behavior of MCU. When applying the power to MCU, the
POR module will detect the rising voltage and generate reset signal to system until the voltage is
ready for MCU operation. At POR reset, the PORF(SYS_RSTSTS[0]) will be set to 1 to indicate there
is a POR reset event. The PORF(SYS_RSTSTS[0]) bit can be cleared by writing 1 to it. Figure 6.2-3
shows the power-on reset waveform.
VDD
VPOR
Power-on
Reset
0.1V
Figure 6.2-3 Power-on Reset (POR) Waveform
Low Voltage Reset (LVR)
6.2.2.3
If the Low Voltage Reset function is enabled by setting the Low Voltage Reset Enable Bit LVREN
(SYS_BODCTL[7]) to 1, after 200us delay, LVR detection circuit will be stable and the LVR function
will be active. Then LVR function will detect AVDD during system operation. When the AVDD voltage is
lower
than
VLVR and the state keeps longer than De-glitch time set by LVRDGSEL
(SYS_BODCTL[14:12]), chip will be reset. The LVR reset will control the chip in reset state until the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com