Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M032FD3AE Datasheet(PDF) 17 Page - Nuvoton Technology Corporation

Part # M032FD3AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE Datasheet(HTML) 17 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 13Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 14Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 15Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 16Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 17Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 18Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 19Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 20Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 21Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 274 page
background image
M031/M032
Feb 25, 2019
Page 17 of 274
Rev. 1.01
Supports window compare mode and window latch mode
Communication Interfaces
UART
Supports up to 3 UARTs: UART0, UART1, UART2
UART baud rate clock from LXT(32.768 KHz) with 9600bps
can work normally in power down mode even system clock is
stopped (UART0/UART1 support)
Support Single-wire function mode
Full-duplex asynchronous communications
Separates receive and transmit 16/16 bytes entry FIFO for
data payloads (UART0/UART1 support)
Supports hardware auto-flow control (RX, TX, CTS and RTS)
and programmable receiver buffer trigger level (UART0/UART1
support)
Supports programmable baud rate generator for each channel
individually
Supports 8-bit receiver buffer time-out detection function
(UART0/UART1 support)
Programmable transmitting data delay time between the last
stop and the next start bit by setting DLY (UART_TOUT [15:8])
(UART0/UART1 support)
Supports Auto-Baud Rate measurement and baud rate
compensation function(UART0/UART1 support)
Supports break error, frame error, parity error and
receive/transmit buffer overflow detection function
Fully programmable serial-interface characteristics
Programmable number of data bit, 5-, 6-, 7-, 8- bit character
Programmable parity bit, even, odd, no parity or stick parity bit
generation and detection
Programmable stop bit, 1, 1.5, or 2 stop bit generation
Supports IrDA SIR function mode (UART0/UART1 support)
Supports for 3/16 bit duration for normal mode
Supports RS-485 mode (UART0/UART1 support)
Supports RS-485 9-bit mode
Supports hardware or software enables to program nRTS pin
to control RS-485 transmission direction
Supports nCTS, incoming data, Received Data FIFO reached
threshold and RS-485
Address Match (AAD mode) wake-up function (UART0/UART1
support)
Supports PDMA mode
I
2C
Up to 2 sets of I
2C devices
Master/Slave mode
Bidirectional data transfer between masters and slaves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com