Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25B64C Datasheet(PDF) 5 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B64C
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B64C Datasheet(HTML) 5 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25B64C Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
GD32
MCU
03
LQFP176
(24*24mm)
LQFP144
(20*20mm)
LQFP100
(14*14mm)
LQFP64
(10*10mm)
LQFP48
(7*7mm)
LQFP32
(7*7mm)
BGA176
(10*10mm)
BGA100
(7*7mm)
QFN36
(6*6mm)
QFN32
(5*5mm)
QFN28
(4*4mm)
TSSOP20
(6.5*4.4mm)
MCU Package Options
3
GD3
GD3
GD3
GD
GD3
G
2
2
2
2
GD3
GD
GD3
D3
3
D3
G
GD3
GD32
2
2
2
2
2
2
2
MCU
MCU
MCU
CU
CU
U
U
C
MCU
MCU
MCU
C
MCU
MCU
C
MC
MCU
C
0
03
03
3
03
03
03
3
0
03
3
3
3
03
03
03
03
3
03
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com