Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25B64C Datasheet(PDF) 1 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B64C
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B64C Datasheet(HTML) 1 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25B64C Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.gigadevice.com
GigaDevice Semiconductor (Beijing) Inc.
PRODUCT
SELECTION GUIDE
GD32 MCU
SPI NOR FLASH
SPI NAND FLASH
Beijing Headquarter
Add: A12, USTB Techart Plaza, Xueyuan Road 30,
Haidian District, Beijing, China
Tel : +86-10-82881666
Fax: +86-10-82881668
E-mail: info@gigadevice.com
Add: A23 Truth Plaza, Zhichun Road 7, Haidian
District, Beijing, China
Tel : +86-10-82263375/76/78/79
Fax: +86-10-82263376-6200
E-mail: info@gigadevice.com
Shanghai Office
Add: Room 603, Tianshan Road 18, Zhaoyi Science
Zone, Shanghai, China
Tel : +86-21-32567770
Fax: +86-21-32567770-803
E-mail: info@gigadevice.com
Add: Room 1515, 5F, Building 1, Guoshoujing Road
498, Zhangjiang High-Tech Park, Pudong New Area,
Shanghai, China
Tel : +86-21-50395591
Fax: +86-21-50395591-803
E-mail: info@gigadevice.com
Shenzhen Office
Add: 32A2-B, Tower A, NEO Building 6011 Shennan
Avenue Shenzhen 518040, China
Tel : +86-775-83438655
Fax: +86-775-83438655-801
E-mail: info@gigadevice.com
Hefei Office
Add: Qinghua Road 368, Economic & Technological
Development Area, Hefei, Anhui, China
Tel : +86-551-68999899
E-mail: info@gigadevice.com
Xi'an Office
Add: B6-04, Ascendas Innovation Hub, Gao Xin 6
Road 38, Hi-tech Industrial Development Zone,
Xi'an,China
Tel : +86-29-88858591
E-mai: info@gigadevice.com
GigaDevice Semiconductor (Beijing) Inc.
Taiwan Office
Add: 6F.-5, No.171, Songde Rd., Xinyi Dist., Taipei City 
110, Taiwan (R.O.C.)
Tel : +886-2-27277210
Fax: +886-2-27277216
E-mail: info@gigadevice.com
USA Office
Gigadevice Semiconductor Inc.
Add: 100 Century Center Ct., Suite 120
San Jose, CA 95112, USA
Tel : 408-855-8336
E-mail: info@gigadevice.com
Korea Office
WingCore Technology Inc.
Add: Room 403, Yatap leaders building, Zangmi-ro 42,
Bundang-gu Seongnam City, Gyoungki-do Korea (Zip
Code: 13496)
Recipient: Robert Na
Mobile: +82-10-2399-2888
E-mail: james@gigadevice.com
Japan Office
Add: DSM Shin-Yokohama building 2F, 2-6-3
Shin-Yokohama, Kohoku, Yokohama 222-0033
Tel : +81-45-534-4102
Fax: +81-45-534-4103
E-mail: info@gigadevice.com
UK Office
GigaDevice Semiconductor Europe Ltd
Add: Innovation House
Molly Millars Close
Wokingham
Berkshire
UK
RG41 2RX
Tel : +44 (0) 7585 707735
Singapore Office
Add: 9 Temasek Boulevard
Suntec Tower 2., #09-01
Singapore 038988
Tel : +65 97654231
2018 GigaDevice
Semiconductor (Beijing) Inc.
Printed in China June 2018


Similar Part No. - GD25B64C

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64CPIG GIGADEVICE-GD25B64CPIG Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64CSIG GIGADEVICE-GD25B64CSIG Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64CWIG GIGADEVICE-GD25B64CWIG Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64CYIG GIGADEVICE-GD25B64CYIG Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25B64C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C22 RENESAS-R8C22 Datasheet
479Kb / 52P
MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
MCU
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
MCU
R8C-2G RENESAS-R8C-2G Datasheet
316Kb / 43P
MCU
R8C-2H RENESAS-R8C-2H Datasheet
457Kb / 68P
MCU
R8C-2K RENESAS-R8C-2K Datasheet
369Kb / 47P
MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
MCU
R8C-33A RENESAS-R8C-33A Datasheet
452Kb / 55P
MCU
R8C-35A RENESAS-R8C-35A Datasheet
500Kb / 56P
MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com