Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1820HDB Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P1820HDB
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P1820HDB Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  P1820HDB Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P1820HDB Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P1820HDB Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P1820HDB Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
G-5-3
N-Channel Enhancement Mode
Field Effect Transistor
P1820HDB
TO-252
Halogen-Free & Lead-Free
NIKO-SEM
REV 1.0
On-Resistance VS Gate-To-Source
Voltage
On-Resistance VS Drain Current
ID , Drain-To-Source Current(A)
VGS, Gate-To-Source Voltage(V)
Output Characteristics
Transfer Characteristics
VGS, Gate-To-Source Voltage(V)
VDS, Drain-To-Source Voltage(V)
Capacitance Characteristic
VDS, Drain-To-Source Voltage(V)
Gate charge Characteristics
Characteristics
Qg , Total Gate Charge(nC)
0
4
8
12
16
20
24
0
2
4
6
8
VGS=10V
VGS=9V
VGS=8V
VGS=7V
VGS=6V
VGS=5V
VGS=4.5V
VGS=3.5V
VGS=4V
25℃
125℃
-20℃
0
4
8
12
16
20
24
0
2
4
6
8
0
2
4
6
8
10
0
6
12
18
24
30
VDS=160V
ID=18A
CISS
COSS
CRSS
0
200
400
600
800
1000
1200
1400
1600
0
5
10
15
20
25
30
0.12
0.14
0.16
0.18
0.20
0.22
2
4
6
8
10
ID=9A
0.00
0.05
0.10
0.15
0.20
0.25
0
3
6
9
12
15
VGS=10V
VGS=4.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com