Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1820HDB Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P1820HDB
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P1820HDB Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  P1820HDB Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P1820HDB Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P1820HDB Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P1820HDB Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
G-5-3
N-Channel Enhancement Mode
Field Effect Transistor
P1820HDB
TO-252
Halogen-Free & Lead-Free
NIKO-SEM
REV 1.0
ABSOLUTE MAXIMUM RATINGS (TA = 25 ° C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC = 25 ° C
ID
18
A
TC = 100 ° C
9
Pulsed Drain Current
1
IDM
30
Avalanche Current
IAS
11
Avalanche Energy
L = 1mH
EAS
61
mJ
Power Dissipation
TC = 25 ° C
PD
83
W
TC = 100 ° C
33
Junction & Storage Temperature Range
TJ, Tstg
-55 to 150
° C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
RJA
62.5
° C / W
Junction-to-Case
RJC
1.5
1Pulse width limited by maximum junction temperature.
.ELECTRICAL CHARACTERISTICS (TJ = 25 ° C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
200
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
1
2
3
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 200V, VGS = 0V
1
A
VDS = 160V, VGS = 0V, TJ = 125 ° C
10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 4.5V, ID = 9A
148
188
mΩ
VGS =10V, ID = 9A
131
157
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
200V
157mΩ
18A
1: GATE
2: DRAIN
3: SOURCE
G
D
S


Similar Part No. - P1820HDB

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P1820HDB UNIKC-P1820HDB Datasheet
817Kb / 8P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - P1820HDB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com