Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLBA Datasheet(PDF) 2 Page - Ningbo songle relay co.,ltd

Part # SLBA
Description  Both sealed and open type available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SLBA Datasheet(HTML) 2 Page - Ningbo songle relay co.,ltd

  SLBA Datasheet HTML 1Page - Ningbo songle relay co.,ltd SLBA Datasheet HTML 2Page - Ningbo songle relay co.,ltd SLBA Datasheet HTML 3Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30A/40A
A
C
SLBA Series
Unit:mm
OUTLINE DIMENSIONS ,WIRING DIAGRAM AND PC BOARD LAYOUT
Tolerance:±0.1
This product specification only for your reference, we will not notify you if
we do any improvement.We reserve all the right for the final explanation
AUTOMOTIVE RELAY
Physical installation
dimension diagram
PCB board diagram
( bottom view diagram)
Electrical diagram
Tel.:
+86 574 62717777
62762658
62721968
ax
F
:+86 574 62721978
Web:www.songle.com
www.songlerelay.com
Email:sale@songle.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
ip Code
Z
:315400
Web:www.songle.com
www.songlerelay.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
Zip Code:315400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com