Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLBA Datasheet(PDF) 1 Page - Ningbo songle relay co.,ltd

Part # SLBA
Description  Both sealed and open type available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SLBA Datasheet(HTML) 1 Page - Ningbo songle relay co.,ltd

  SLBA Datasheet HTML 1Page - Ningbo songle relay co.,ltd SLBA Datasheet HTML 2Page - Ningbo songle relay co.,ltd SLBA Datasheet HTML 3Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A /C
100 mΩMax
Silver alloy:
AgCdO、AgSnO2、AgNi
NO:40A 14VDC
NC:30A 14VDC
30VDC
40A
560W
1x10 ops/1x10 ops
1x10 ops
5
7
SLBA-12VDC-S L-C
Class B / Class F
100MΩ(500VDC)
750VAC 1minute
750VAC 1minute
≤
10ms
≤
10ms
85% RH(20℃)
-40℃~+85℃/-40℃~+125℃
98m/s²
980m/s²
10Hz~55Hz 1.5mm
Approx 19g
Sealed and open type
12
24
36
133.33
66.67
44.44
90
360
810
1.6W
75%Max 10%Min
130%
30A/40A
1.6W
/ 24VDC/36VDC
12VDC
W
VDC
mA
±10%
Ω
A/C
4
26MAX
21
M
AX
SLBA Series
Features
Ordering Information
Contact Rating
Characteristics
Coil Data
(
20℃)
at
Contact arrangment
endurance
Voltage drop
Contact material
Contact rating
Max switching voltage
Max switching current
Max switching power
Electrical endurance
(frequency: 1800 ops/h)
(frequency: 18000 ops/h)
Mechanical
Insulation resistance
Dielectric
Strength
Between contacts
and coil
Between open
contacts
Operate time(Under nominal voltage)
Release time(Under nominal voltage)
Humidity
Ambient Temperature
Shock
resistance
Functional
Destructive
Vibration resistance
( Double amplitude)
Weight
Construction
Insulation system
Remark:1)All above data is initial value
This product specification only for your reference, we will not notify you if
we do any improvement.We reserve all the right for the final explanation
Voltage
Current Resistance
Power
dissipation
Max
allowable
Pick-up
Drop-out
voltage
voltage
Part number
Coil Voltage
Coil Power
Construction
Contact arrangment
S
/F
open type
sealed
·30A/40 s
·Ambient temperature:+85℃/+125℃
·Low coil power consumption with excellent
performance
·Both sealed and open type available
·European type
witching capability
AUTOMOTIVE RELAY
Tel.:
+86 574 62717777
62762658
62721968
ax
F
:+86 574 62721978
Web:www.songle.com
www.songlerelay.com
Email:sale@songle.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
ip Code
Z
:315400
Web:www.songle.com
www.songlerelay.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
Zip Code:315400


Similar Part No. - SLBA

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLB SONGLERELAY-SLB Datasheet
5Mb / 3P
Low coil power consumption with excellent performance
logo
Infineon Technologies A...
SLB 9673AU2.0 FW26.XX INFINEON-SLB 9673AU2.0 FW26.XX Datasheet
565Kb / 22P
OPTIGA™ TPM
2022-08-24 Revision 1.2
SLB 9673XU2.0 FW26.XX INFINEON-SLB 9673XU2.0 FW26.XX Datasheet
565Kb / 22P
OPTIGA™ TPM
2022-08-24 Revision 1.2
logo
Ningbo songle relay co....
SLB-12VDC-SL-C SONGLERELAY-SLB-12VDC-SL-C Datasheet
5Mb / 3P
Low coil power consumption with excellent performance
logo
Rohm
SLB-24 ROHM-SLB-24 Datasheet
185Kb / 6P
Rectangular LEDs
More results

Similar Description - SLBA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSAG ALPS-SSAG Datasheet
1Mb / 5P
Recoil Type for Single Side and Both Sides
logo
HuaXinAn Electronics CO...
4120B HUAXINAN-4120B Datasheet
900Kb / 1P
Both European 11mm pole distance and American 8mm pole distance available
logo
American Zettler, Inc.
AZ7705 AZETTLER-AZ7705 Datasheet
496Kb / 2P
Epoxy sealed available
logo
ALPS ELECTRIC CO.,LTD.
SSAG ALPS-SSAG_15 Datasheet
1Mb / 5P
Recoil Type for Single-side and Both Sides
logo
Xilinx, Inc
XCS05 XILINX-XCS05 Datasheet
776Kb / 83P
Available in both 5V and 3.3V versions
XCS10XL-4TQG144C XILINX-XCS10XL-4TQG144C Datasheet
766Kb / 83P
Available in both 5V and 3.3V versions
logo
TE Connectivity Ltd
T90 TEC-T90 Datasheet
457Kb / 3P
Available as open frame or sealed construction
logo
TT Electronics.
SOIC TTELEC-SOIC Datasheet
496Kb / 4P
Both narrow and wide body versions available
logo
American Electronic Com...
DG17 AEC-DG17 Datasheet
318Kb / 3P
open, dust cover and sealed versions
logo
Ningbo Tianbo Ganglian ...
TRV5 TIANBO-TRV5 Datasheet
860Kb / 3P
open or sealed cover available
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com