Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7151 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP7151
Description  700mA LED Driver with Internal Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7151 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP7151 Datasheet HTML 5Page - Feeling Technology Corp. FP7151 Datasheet HTML 6Page - Feeling Technology Corp. FP7151 Datasheet HTML 7Page - Feeling Technology Corp. FP7151 Datasheet HTML 8Page - Feeling Technology Corp. FP7151 Datasheet HTML 9Page - Feeling Technology Corp. FP7151 Datasheet HTML 10Page - Feeling Technology Corp. FP7151 Datasheet HTML 11Page - Feeling Technology Corp. FP7151 Datasheet HTML 12Page - Feeling Technology Corp. FP7151 Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FP7151
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
13/13
Package Outline
SOT23-5L
UNIT: mm
Note:
1. Package dimensions are in compliance with JEDEC outline: MO-178 AA.
2. Dimension “D” does not include molding flash, protrusions or gate burrs.
3. Dimension “E1” does not include inter-lead flash or protrusions.
Symbols
Min. (mm)
Max.(mm)
A
1.050
1.350
A1
0.050
0.150
A2
1.000
1.200
b
0.250
0.500
c
0.080
0.200
D
2.700
3.000
E
2.600
3.000
E1
1.500
1.700
e
0.950 BSC
e1
1.900 BSC
L
0.300
0.550
L1
0.600 REF
L2
0.250 BSC
θ°
0
°
10
°
θ1°
3
°
7°
θ2°
6°
10
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com