Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7151 Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FP7151
Description  700mA LED Driver with Internal Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7151 Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FP7151 Datasheet HTML 1Page - Feeling Technology Corp. FP7151 Datasheet HTML 2Page - Feeling Technology Corp. FP7151 Datasheet HTML 3Page - Feeling Technology Corp. FP7151 Datasheet HTML 4Page - Feeling Technology Corp. FP7151 Datasheet HTML 5Page - Feeling Technology Corp. FP7151 Datasheet HTML 6Page - Feeling Technology Corp. FP7151 Datasheet HTML 7Page - Feeling Technology Corp. FP7151 Datasheet HTML 8Page - Feeling Technology Corp. FP7151 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FP7151
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
2/13
Function Block Diagram
Pin Descriptions
SOT23-5L
Name
No.
I / O
Description
LX
1
O
Power Switch Output
GND
2
P
IC Ground
ADJ
3
I
Multi Function ON / OFF& Brightness
Control
ISENSE
4
I
Current Sense Resistor Connected
VIN
5
P
IC Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com