Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7152 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP7152
Description  1A LED Driver with Internal Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7152 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP7152 Datasheet HTML 6Page - Feeling Technology Corp. FP7152 Datasheet HTML 7Page - Feeling Technology Corp. FP7152 Datasheet HTML 8Page - Feeling Technology Corp. FP7152 Datasheet HTML 9Page - Feeling Technology Corp. FP7152 Datasheet HTML 10Page - Feeling Technology Corp. FP7152 Datasheet HTML 11Page - Feeling Technology Corp. FP7152 Datasheet HTML 12Page - Feeling Technology Corp. FP7152 Datasheet HTML 13Page - Feeling Technology Corp. FP7152 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FP7152
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
11/14
inductance value is recommended at higher supply voltages in order to minimize errors due to
switching delays, which result in increased ripple and lower efficiency. Higher values of inductance also
result in a smaller change in output current over the supply voltage range. The inductor should be
mounted as close to the device as possible with low resistance connections to the LX and VIN pins.
The chosen coil should have a saturation current higher than the peak output current and a continuous
current rating above the required mean output current.
DC Dimming
IOUTDC= 0.08*VADJ/RS (for 0.3< VADJ <2.5V). The ADJ pin can be driven by an external DC
voltage (VADJ) to adjust the output current to a value below the nominal average value defined by RS.
The LED current decreases linearly with the VADJ when 0.3V ≤ VADJ ≤ 2.5V, RS must be increased in
proportion to prevent IOUTDC exceeding 700mA maximum. When the VADJ falls below the threshold, 0.2V,
the output switch is turned off which allows PWM dimming.
FP7152
ADJ
GND
+
_
PWM Dimming
A Pulse Width Modulated (PWM) signal with duty cycle DPWM can be applied to the ADJ pin,
The PWM signal is recommended above 50kHz.As shown below, to adjust the output current to a value
above or below the nominal average value set by resistor RS:
FP7152
ADJ
GND
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com