Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7152 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP7152
Description  1A LED Driver with Internal Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7152 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP7152 Datasheet HTML 6Page - Feeling Technology Corp. FP7152 Datasheet HTML 7Page - Feeling Technology Corp. FP7152 Datasheet HTML 8Page - Feeling Technology Corp. FP7152 Datasheet HTML 9Page - Feeling Technology Corp. FP7152 Datasheet HTML 10Page - Feeling Technology Corp. FP7152 Datasheet HTML 11Page - Feeling Technology Corp. FP7152 Datasheet HTML 12Page - Feeling Technology Corp. FP7152 Datasheet HTML 13Page - Feeling Technology Corp. FP7152 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FP7152
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
13/14
Typical Application
FP7152
LX
GND
ADJ
Vin
lsense
1
2
3
4
5
L1
47µH
C3
1µF
LED
C1
0.1µF
R1 0.1
C2
470µF
DB1
DB2
DB4
DB3
SK34
SK34
SK34
SK34
AC12V
SK34
D1
AC Input
LED Application Circuit
C4
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com