Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS177 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FS177
Description  Low Voltage Hall Effect Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS177 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FS177 Datasheet HTML 1Page - Feeling Technology Corp. FS177 Datasheet HTML 2Page - Feeling Technology Corp. FS177 Datasheet HTML 3Page - Feeling Technology Corp. FS177 Datasheet HTML 4Page - Feeling Technology Corp. FS177 Datasheet HTML 5Page - Feeling Technology Corp. FS177 Datasheet HTML 6Page - Feeling Technology Corp. FS177 Datasheet HTML 7Page - Feeling Technology Corp. FS177 Datasheet HTML 8Page - Feeling Technology Corp. FS177 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FS177
Technology
Low Voltage Hall Effect Latch
Rev0.7 Apr. 25, 2012(LF)
FS177 Data Sheet
Page 4 / 10
DC Electrical Characteristics (at Ta = 25
oC)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VCC
No use pin is open (Fig1)
3.0
-
20.0
V
Supply current
ICC
No use pin is open Vcc :
3.0V to 20V (Fig1)
-
4.2
10
mA
Output Saturation Voltage
VSAT
Vcc=12V, Io = 20mA
-
165
200
mV
Output Rise time
(tr)
RL=500ohm, CL=20pF
(Fig1)
0.2
-
0.75
uS
Output Fall time
(tƒ )
RL=500ohm, CL=20pF
(Fig1)
20
-
150
nS
Note:
Fig1 The IC output state is under N magnetic field.
0
25
50
75
100
125
150
252
326
400
Pd (mW)
Temp. (
)
o C
Power Dissipation Curve
175
178
104
30
0
160 oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com