Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS177 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FS177
Description  Low Voltage Hall Effect Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS177 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FS177 Datasheet HTML 1Page - Feeling Technology Corp. FS177 Datasheet HTML 2Page - Feeling Technology Corp. FS177 Datasheet HTML 3Page - Feeling Technology Corp. FS177 Datasheet HTML 4Page - Feeling Technology Corp. FS177 Datasheet HTML 5Page - Feeling Technology Corp. FS177 Datasheet HTML 6Page - Feeling Technology Corp. FS177 Datasheet HTML 7Page - Feeling Technology Corp. FS177 Datasheet HTML 8Page - Feeling Technology Corp. FS177 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FS177
Technology
Low Voltage Hall Effect Latch
Rev0.7 Apr. 25, 2012(LF)
FS177 Data Sheet
Page 1 / 10
General Description
The FS177 is an integrated Hall effect latched sensor designed for electronic commutation of
brush-less DC motor applications. The device includes an on-chip Hall voltage generator for
magnetic sensing, a comparator that amplifies the Hall voltage, and a Schmitt trigger to provide
switching hysteresis for noise rejection, and open-collector output. An internal bandgap regulator
is used to provide temperature compensated supply voltage for internal circuits and allows a wide
operating supply range.
A north pole of sufficient strength will turn the output ON. In the absence of a magnetic field, the
output is OFF.
Features
Wide operating voltage range: 3.0V to 20V
Maximum output sink current 25mA
Open-Collector pre-driver
Reverse polarity protection
Package : TO-92SP-3
Typical Application Circuit
TO-92SP-3
+12V
FS177
Gnd
Vcc
Output
1
2
3
R1
L1
L2
R2
C1
C2
Brushless DC Fan


Similar Part No. - FS177

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FS177N FEELING-FS177N Datasheet
161Kb / 7P
Single Hall Effect Senser
FS177NG1 FEELING-FS177NG1 Datasheet
161Kb / 7P
Single Hall Effect Senser
More results

Similar Description - FS177

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US3881 ETC-US3881 Datasheet
117Kb / 6P
CMOS Low Voltage Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
logo
Unisonic Technologies
UH266 UTC-UH266 Datasheet
177Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Texas Instruments
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
Low-Voltage, Digital-Latch Hall Effect Sensor
logo
Unisonic Technologies
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Texas Instruments
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
Low-Voltage, Digital-Latch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com