Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS72XY Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FS72XY
Description  Single Digital Output Hall Effect Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS72XY Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FS72XY Datasheet HTML 1Page - Feeling Technology Corp. FS72XY Datasheet HTML 2Page - Feeling Technology Corp. FS72XY Datasheet HTML 3Page - Feeling Technology Corp. FS72XY Datasheet HTML 4Page - Feeling Technology Corp. FS72XY Datasheet HTML 5Page - Feeling Technology Corp. FS72XY Datasheet HTML 6Page - Feeling Technology Corp. FS72XY Datasheet HTML 7Page - Feeling Technology Corp. FS72XY Datasheet HTML 8Page - Feeling Technology Corp. FS72XY Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FS72X
FS72XY
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.2 June. 29, 2009
P.3
FEELING
TECHNOLOGY
Figure.3
Note. Detail information please check application note.
Suggestion value :R1=1K ohm,R3=330 ohm, R=30 ohm ,C=2.2uF, C1>0.1uF
+12V
FS72X/FS72XY
GND
VDD
NO
R1
L1
L2
R2
Brushless DC Fan
RC
Optional for
Electromagnetic sound
C1
R3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com