Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS72XY Datasheet(PDF) 8 Page - Feeling Technology Corp.

Part # FS72XY
Description  Single Digital Output Hall Effect Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS72XY Datasheet(HTML) 8 Page - Feeling Technology Corp.

Back Button FS72XY Datasheet HTML 2Page - Feeling Technology Corp. FS72XY Datasheet HTML 3Page - Feeling Technology Corp. FS72XY Datasheet HTML 4Page - Feeling Technology Corp. FS72XY Datasheet HTML 5Page - Feeling Technology Corp. FS72XY Datasheet HTML 6Page - Feeling Technology Corp. FS72XY Datasheet HTML 7Page - Feeling Technology Corp. FS72XY Datasheet HTML 8Page - Feeling Technology Corp. FS72XY Datasheet HTML 9Page - Feeling Technology Corp. FS72XY Datasheet HTML 10Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FS72X
FS72XY
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.2 June. 29, 2009
P.8
FEELING
TECHNOLOGY
SOT23
Symbols
Dimension In Millimeters
Min
Nom
Max
A
-
-
1.45
A1
-
-
0.15
A2
0.90
1.15
1.30
b
0.30
-
0.50
c
0.08
-
0.22
D
2.90BSC
E
2.80BSC
E1
1.60BSC
e
0.95BSC
e1
1.90BSC
L
0.30
0.45
0.60
L1
0.60REF
L2
0.25BSC
R
0.10
-
-
R1
0.10
-
0.25
Θ
0˚
4˚
8˚
Θ1
5˚
10˚
15˚
Sensor location
0.86mm
1.12mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com