Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS200 Datasheet(PDF) 9 Page - Feeling Technology Corp.

Part # FS200
Description  The Fig 2 is the hall sensor location, where marks the IC number
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS200 Datasheet(HTML) 9 Page - Feeling Technology Corp.

Back Button FS200 Datasheet HTML 4Page - Feeling Technology Corp. FS200 Datasheet HTML 5Page - Feeling Technology Corp. FS200 Datasheet HTML 6Page - Feeling Technology Corp. FS200 Datasheet HTML 7Page - Feeling Technology Corp. FS200 Datasheet HTML 8Page - Feeling Technology Corp. FS200 Datasheet HTML 9Page - Feeling Technology Corp. FS200 Datasheet HTML 10Page - Feeling Technology Corp. FS200 Datasheet HTML 11Page - Feeling Technology Corp. FS200 Datasheet HTML 12Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Technology
FS200
Rev0.2 Dec. 31, 2004 (LF)
P9 / FS200
APPLICATION NOTE
The Example of Typical Application Circuit
Fig 5 is the example of typical application circuit. The red, yellow, and black wires are the
input points of the motor system: red, the input of power supply; yellow, the output of FG;
black, the ground signal. RC is an external pull-up resistance for the use of measuring FG
signal. In view of the design, the value of RC could be decided by the transistor saturation
voltage (VON), sink current (IC), and off-level voltage (VC).
The formula is:
RC=
C
ON
C
I
V
V −
For example:
VC = +5V for TTL level.
IC = 10mA at 0.2V saturation voltage
The safety value of RC= 470Ω
D1 is the reverse protection diode. As if the red and black wires reversely connect with the
power source, the current will flow through the ground via IC and coils L1 and L2 to power
supply. Under such kind of circumstances, the IC and coils are easy to be burned out.
Therefore, D1, the reverse protection diode, is necessary for the design. However, D1 will
also cause an extra voltage drop on the supply voltage.
C1 is a capacitor to reduce the ripple noise caused during the transient of the output stages.
The volume of the ripple noise depends on the coil impedance and characteristics.
Fig 5 Application Circuit
FS200
L1
D1
C1
B wire
R wire
NO
SO
Internal circuit of 2-phase DC motor
+Vcc
VCC
GND
+Vc
Y wire
Rc
FG
Output
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com