Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS200 Datasheet(PDF) 12 Page - Feeling Technology Corp.

Part # FS200
Description  The Fig 2 is the hall sensor location, where marks the IC number
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS200 Datasheet(HTML) 12 Page - Feeling Technology Corp.

Back Button FS200 Datasheet HTML 4Page - Feeling Technology Corp. FS200 Datasheet HTML 5Page - Feeling Technology Corp. FS200 Datasheet HTML 6Page - Feeling Technology Corp. FS200 Datasheet HTML 7Page - Feeling Technology Corp. FS200 Datasheet HTML 8Page - Feeling Technology Corp. FS200 Datasheet HTML 9Page - Feeling Technology Corp. FS200 Datasheet HTML 10Page - Feeling Technology Corp. FS200 Datasheet HTML 11Page - Feeling Technology Corp. FS200 Datasheet HTML 12Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Technology
FS200
Rev0.2 Dec. 31, 2004 (LF)
P12 / FS200
LABEL SPECIFICATIONS
BAG LABEL, INSIDE BOX & CARTON LABEL
ORDER INFORMATION
Part Number
Operating Temperature
Package
Description
FS200LF-A
-20
oC ~ +85 oC
TO-92SP-4
±65G (B)
FS200LF-B
-20
oC ~ +85 oC
TO-92SP-4
±80G (B)
FS200LF-Bu
-20
oC ~ +85 oC
TO-92SP-4
±80G (B)
FS200LF-C
-20
oC ~ +85 oC
TO-92SP-4
±100G (B)
Feeling Technology Corp.
Product Type:
FS200LF- X
Lot No:
A3603C89D
Date Code:
3Ub
Package Type:
SIP- 4L
Marking Type:
XXXXX
Tatal Q'ty:
XXXXX
7.5 cm
5.5 cm
無鉛
Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com