Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FS210
Description  Fig 5 is the example of typical application circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS210 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FS210 Datasheet HTML 1Page - Feeling Technology Corp. FS210 Datasheet HTML 2Page - Feeling Technology Corp. FS210 Datasheet HTML 3Page - Feeling Technology Corp. FS210 Datasheet HTML 4Page - Feeling Technology Corp. FS210 Datasheet HTML 5Page - Feeling Technology Corp. FS210 Datasheet HTML 6Page - Feeling Technology Corp. FS210 Datasheet HTML 7Page - Feeling Technology Corp. FS210 Datasheet HTML 8Page - Feeling Technology Corp. FS210 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Technology
FS210
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum Operating Voltage
VCC
No use pin is open (Fig1)
2.8
V
Maximum Operating Voltage
VCC
Icc<20mA No use pin is
open (Fig1)
20.0
V
Quiescent Supply current
ICC
No use pin is open Vcc :
3.0V∼20V (Fig1)
18
20
mA
NO/SO Saturation Voltage
VSAT
Io = 450mA (Fig1)
1.0
V
Note:
Fig1 The IC output state is under N magnetic field.
NO/SO Saturation Voltage Vs. Output Current(Io)
Vcc=12V, Temp.=25
oC
Output Current (Io), unit:mA
Saturation Voltage Unit:V
Note
200
0.30
300
0.47
400
0.66
500
0.88
600
1.09
700
1.31
NO/SO Saturation Voltage Vs. Operating Temperature
Vcc=12V, Io(output current)=450mA
Operating Temperature
unit:
oC
Saturation Voltage Unit:V
Note
-20
0.76
0
0.77
20
0.78
40
0.79
60
0.82
80
0.85
100
0.87
Rev0.4 May.21, 2004 (LF)
P4/FS210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com