Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FS210
Description  Fig 5 is the example of typical application circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS210 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FS210 Datasheet HTML 1Page - Feeling Technology Corp. FS210 Datasheet HTML 2Page - Feeling Technology Corp. FS210 Datasheet HTML 3Page - Feeling Technology Corp. FS210 Datasheet HTML 4Page - Feeling Technology Corp. FS210 Datasheet HTML 5Page - Feeling Technology Corp. FS210 Datasheet HTML 6Page - Feeling Technology Corp. FS210 Datasheet HTML 7Page - Feeling Technology Corp. FS210 Datasheet HTML 8Page - Feeling Technology Corp. FS210 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Technology
FS210
2-PHASE DC MOTOR DRIVE IC
GENERAL DESCRIPTION
The FS210, a 1-chip composed of hall sensor and output coil drivers, applied to a 2-phase DC
motor. The high sensitivity of Hall effect sensor is suitable for motors from mini-type CPU coolers
to blowers and DC fans. Typical operation current up to 0.45A and operating voltage range is
from 2.8V ~ 20V.
Using few external components, FS210, a high performance integrated IC, is designed for a
single-phase DC motor circuit. The circuit diagram of the typical application example is as
below.
TO-92SP-4
FEATURES
˙
1 chip hall sensor/drivers
˙
Wide operating voltage range: 2.8V~20V
˙
Output sink current up to 0.45A
˙
Very low switching noise.
˙
Package : TO-92SP-4
TYPICAL APPLICATION CIRCUIT
FTC
S210.
VCC
Rev0.4 May.21, 2004 (LF)
P1/FS210


Similar Part No. - FS210

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
FS210 TTELEC-FS210 Datasheet
1Mb / 40P
FlexSense® I-Series Programmable Incremental Encoder
Rev C, 4/27/2023
logo
Agilent(Hewlett-Packard...
FS2100 HP-FS2100 Datasheet
371Kb / 48P
LOCAL BUS
FS2101 HP-FS2101 Datasheet
371Kb / 48P
LOCAL BUS
More results

Similar Description - FS210

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1517 KODENSHI-KK1517 Datasheet
97Kb / 2P
TYPICAL APPLICATION CIRCUIT
logo
STMicroelectronics
AN971 STMICROELECTRONICS-AN971 Datasheet
74Kb / 7P
The goal of this application note is to present an practical example
AN2737 STMICROELECTRONICS-AN2737 Datasheet
190Kb / 16P
Basic in-application programming example
02-Mar-2009
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
The purpose of this document is to describe the design of the application
17-Nov-2014
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
logo
Exar Corporation
AN-1450 EXAR-AN-1450 Datasheet
47Kb / 5P
ST16C1450/1550 APPLICATION EXAMPLE
AN-2550 EXAR-AN-2550 Datasheet
68Kb / 5P
ST16C2450/2550 APPLICATION EXAMPLE
AN-450 EXAR-AN-450 Datasheet
47Kb / 5P
ST16C450/550 APPLICATION EXAMPLE
logo
PHOENIX CONTACT
2700993 PHOENIX-2700993 Datasheet
58Kb / 3P
The ILC 130 SBT STARTERKIT is a combination of hardware and an example project.
logo
Feeling Technology Corp...
FS209 FEELING-FS209 Datasheet
216Kb / 12P
The Fig 2 is the hall sensor location, where marks the IC number
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com