Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS211F Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FS211F
Description  2 PHASE DC MOTOR DRIVE IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS211F Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FS211F Datasheet HTML 1Page - Feeling Technology Corp. FS211F Datasheet HTML 2Page - Feeling Technology Corp. FS211F Datasheet HTML 3Page - Feeling Technology Corp. FS211F Datasheet HTML 4Page - Feeling Technology Corp. FS211F Datasheet HTML 5Page - Feeling Technology Corp. FS211F Datasheet HTML 6Page - Feeling Technology Corp. FS211F Datasheet HTML 7Page - Feeling Technology Corp. FS211F Datasheet HTML 8Page - Feeling Technology Corp. FS211F Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev0.7 May. 29, 2009(LF)
P. 4 / FS211F
Technology
FS211F
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Minimum Operating Voltage
VCP
No use pin is open (Fig1)
4.0
V
MaximumOperating Voltage
VCP
ICP 10mA No use pin is
open (Fig1)
20.0
V
Quiescent Supply current
ICP
No use pin is open VCP :
4.0V
20V (Fig1)
2.0
7.0
mA
NO/SO Saturation Voltage
VSAT
Io = 300mA (Fig1)
1.5
V
FG OFF Leakage Current
IOFF
(Fig2)
1
μA
FG ON Saturation Voltage
VON
IC=5mA(Fig2)
0.2
0.5
V
Note: Fig1 The IC output state is under N magnetic field.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX
UNIT
Rise time
(tr)
RL=1K CL=10pF (Fig3)
500
nS
Fall time
(tƒ)
RL=1K CL=10pF (Fig3)
500
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com