Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS211F Datasheet(PDF) 12 Page - Feeling Technology Corp.

Part # FS211F
Description  2 PHASE DC MOTOR DRIVE IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS211F Datasheet(HTML) 12 Page - Feeling Technology Corp.

Back Button FS211F Datasheet HTML 5Page - Feeling Technology Corp. FS211F Datasheet HTML 6Page - Feeling Technology Corp. FS211F Datasheet HTML 7Page - Feeling Technology Corp. FS211F Datasheet HTML 8Page - Feeling Technology Corp. FS211F Datasheet HTML 9Page - Feeling Technology Corp. FS211F Datasheet HTML 10Page - Feeling Technology Corp. FS211F Datasheet HTML 11Page - Feeling Technology Corp. FS211F Datasheet HTML 12Page - Feeling Technology Corp. FS211F Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Rev0.7 May. 29, 2009(LF)
P. 12 / FS211F
Technology
FS211F
BAG & BOX DIMENSION
BAG
BAG LABEL
160 mm
BOX
LABEL
190 mm
630 mm
100 mm
FTC Logo
INSIDE BOX
CARTON
LABEL
FTC Logo
400mm
650mm
CARTON
PACKING QUANTITY SPECIFICATIONS
1000 EA/1 BAG
25 BAGS/1 INSIDE BOX
4 INSIDE BOXES/1 CARTON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com