Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1509PR Datasheet(PDF) 4 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD1509PR
Description  2A 150KHz PWM Buck DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD1509PR Datasheet(HTML) 4 Page - TECHCODE SEMICONDUCTOR, INC.

  TD1509PR Datasheet HTML 1Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
 
 
 
 
December,  20,  2005.                                         Techcode  Semiconductor  Limited                                    www.techcodesemi.com 
4 
Techcode®
2A 150KHz PWM Buck DC/DC Converter
TD1509
DATASHEET
 
Absolute Maximum Ratings 
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device 
at  these  or  any  other  conditions  above  those  indicated  in  the  operation  is  not  implied.  Exposure  to  absolute  maximum  rating  conditions  for  extended  periods  may  affect 
reliability. 
 
Parameter
Symbol
Value
Unit
Input Voltage
VIN
-0.3 to 45
V
Feedback Pin Voltage
VFB
-0.3 to Vin+0.3
V
ON/OFF Pin Voltage
VEN
-0.3 to Vin+0.3
V
Output Pin Voltage
VSW
-0.3 to Vin+0.3
V
Power Dissipation
PD
Internally limited
mW
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
2000
V
MSL
Level3
Thermal Resistance-Junction to Ambient
RθJA
85
ºC / W
Thermal Resistance-Junction to Case
RθJC
45
ºC / W
Recommended Operating Conditions 
Parameter 
Symbol
Min.
Max.
Unit
Input Voltage
VIN
3.6
45
V
Operating Junction Temperature
TJ
-40
125
ºC
Operating Ambient Temperature
TA
-40
85
ºC
 
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com