Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1509PR Datasheet(PDF) 2 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD1509PR
Description  2A 150KHz PWM Buck DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD1509PR Datasheet(HTML) 2 Page - TECHCODE SEMICONDUCTOR, INC.

  TD1509PR Datasheet HTML 1Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
 
 
 
 
December,  20,  2005.                                         Techcode  Semiconductor  Limited                                    www.techcodesemi.com 
2 
Techcode®
2A 150KHz PWM Buck DC/DC Converter
TD1509
DATASHEET
Pin Configurations 
 
DIP8/SOP8 
 
 
 
Figure 2 Pin Configuration of TD1509 (Top View) 
Pin Description 
Pin Number
Pin Name
Description
1
Vin
Input supply voltage
2
Output
Switching output
5~8
GND
Ground
3
FB
Output voltage feedback
4
ON/OFF
ON/OFF shutdown
Active is “Low” or floating
 
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com