Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARB-DM Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SARB-DM
Description  High Power Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARB-DM Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SARB-DM Datasheet HTML 1Page - Sanyou Corporation Limited SARB-DM Datasheet HTML 2Page - Sanyou Corporation Limited SARB-DM Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
SARB
Ordering Information
Nomenclature
Outline Dimensions, Wiring Diagram, P.C.
(unit:mm)
Board Layout
Wiring Diagram (bottom view)
Special Parameter
:Nil-Standard type,
Letter or number-Special requirement
Sealed type
Open type
3 yoke
terminal
2 yoke
terminal
SARB - S - 1 12
D
M
U
- XX
1
4
note
:(1)3compounds only for CO type(
)
Form C
(1)
Yoke Terminal Arrangement
:Nil-3 yoke terminal,
1-2 yoke terminal
Terminal Arrangement
:U-USA, E-European
Contact Form
:Nil-Form C, B-Form B, M-Form A
Contact Material
:Nil-Standard, 4-3 compounds
Number of Poles
:1-1 Pole
Protective Construction
:Nil-Open type, S-Flux proofed,
SH-Sealed type washable
Type Designation
:SARB
Coil Power
:D-1.6W
Coil Voltage
(VDC):05, 06, 09, 12, 18, 24, 36, 48
bottom view
SARB-U
bottom view
SARB-E
2yoke no this terminal
2yoke no this terminal
MAX



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com