Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARB-DM Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SARB-DM
Description  High Power Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARB-DM Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SARB-DM Datasheet HTML 1Page - Sanyou Corporation Limited SARB-DM Datasheet HTML 2Page - Sanyou Corporation Limited SARB-DM Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
SARB
130
120
110
100
90
80
70
60
50
40
30
90
95 100 105 110 115 120 125 130 135 140 145 150
0A
8A
16A
24A
32A
40A
Ambient temperature vs coil voltage
Pick-up/release time
12
10
8
6
4
2
60
70
80
90
100 110
120 130 140
Pick-up time
10
20
7
10
6
10
5
10
0
5
30
40
50
1A
1B
Anti-arc capability of N.O.
Contacts with res. Load
80
75
60
50
40
30
20
15
10
0.5
1
2
3
4
5
10
20 30
40
P.C.B. Layout (bottom view)
Typical Applications
Characteristic Curves
● Automotive control switching box, automation, etc.
Percentage of Nominal Coil Voltage
Percentage of Nominal Coil Voltage
Contact Current(A)
Endurance Curve
Contact Current(A)
Release Time
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the
user should in a right position to choose the suitable product for their own application.If there is any query,
please contact Sanyou for the technical service.However it is the user's responsibility to determine which
product should be used only.
Dongguan Sanyou Electrical appliance Co.,LTD,All rights of Sanyou to reserved
Unless otherwise specified
:
If dimension
<1mm, tolerance: ±0.2mm;
If dimension
1~5mm, tolerance: ±0.3mm;
If dimension
>5mm, tolerance: ±0.4mm.
Note
: 1. Extended terminal dimension is
2. Tolerance of P.C.B. layout:±0.1mm.
dimension before soldering.
2yoke no this terminal
2yoke no this terminal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com