Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC506BA Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PC506BA
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PC506BA Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PC506BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PC506BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PC506BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PC506BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV1.0
1
G-14-2
NIKO-SEM
N-Channel Enhancement Mode
Field Effect Transistor
PC506BA
SOT-89
Halogen-Free & Lead-Free
3
2
1
Features
• Pb−Free, Halogen Free and RoHS compliant.
• Low R
DS(on) to Minimize Conduction Losses.
• Ohmic Region Good R
DS(on) Ratio.
• Optimized Gate Charge to Minimize Switching Losses.
Applications
• Protection Circuits Applications.
• Logic/Load Switch Circuits Applications.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TA = 25 °C
ID
5.5
A
TA = 70 °C
4.4
Pulsed Drain Current
1
IDM
20
Avalanche Current
IAS
12.4
Avalanche Energy
L = 0.1mH
EAS
7.7
mJ
Power Dissipation
3
TA = 25 °C
PD
3
W
TA = 70 °C
2
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
2
t ≦10s
RJA
40
°C / W
Junction-to-Ambient
2
Steady-State
RJA
64
Junction-to-Case
RJc
14
1Pulse width limited by maximum junction temperature.
2The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C.
3The Power dissipation is based on R
JA t ≦10s value.
1. GATE
2. DRAIN
3. SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
30V
60mΩ
5.5A
G
D
S


Similar Part No. - PC506BA

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PC502-O P-TEC-PC502-O Datasheet
234Kb / 2P
PRODUCT SPECIFICATION
logo
Carlo Gavazzi Holding A...
PC50CND10RP CARLOGAVAZZI-PC50CND10RP Datasheet
104Kb / 3P
Type PC50CND10RP
23.01.03
PC50CNP06RP CARLOGAVAZZI-PC50CNP06RP Datasheet
168Kb / 3P
Photoelectrics Retro-reflective, Polarized, Relay Output Type PC50CNP06RP
16.08.2013
PC50CNR10RP CARLOGAVAZZI-PC50CNR10RP Datasheet
119Kb / 3P
Photoelectrics Retro-reflective, Relay Output Type PC50CNR10RP
26.04.2007
PC50CNT20R CARLOGAVAZZI-PC50CNT20R Datasheet
119Kb / 3P
Photoelectrics Through-beam, Relay Output Type PC50CNT20R.
28.02.2006
More results

Similar Description - PC506BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com