Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC506BA Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PC506BA
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PC506BA Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PC506BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PC506BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PC506BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PC506BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV1.0
2
G-14-2
NIKO-SEM
N-Channel Enhancement Mode
Field Effect Transistor
PC506BA
SOT-89
Halogen-Free & Lead-Free
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
0.8
1.6
2.5
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 24V, VGS = 0V
1
A
VDS = 24V, VGS = 0V, TJ = 55 °C
10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 4.5V, ID = 1.5A
61
100
mΩ
VGS = 10V, ID = 3A
42
60
Forward Transconductance
1
gfs
VDS = 5V, ID = 3A
6
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 15V, f = 1MHz
243
pF
Output Capacitance
Coss
46
Reverse Transfer Capacitance
Crss
30
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
2
Ω
Total Gate Charge
2
Qg(VGS=10V)
VDS = 15V, ID = 3A
5.4
nC
Qg(VGS=4.5V)
3.1
Gate-Source Charge
2
Qgs
0.8
Gate-Drain Charge
2
Qgd
1.6
Turn-On Delay Time
2
td(on)
VDS = 15V
ID  3A, VGS = 10V, RGS = 6Ω
9
nS
Rise Time
2
tr
21
Turn-Off Delay Time
2
td(off)
18
Fall Time
2
tf
3
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
2
A
Forward Voltage
1
VSD
IF = 3A, VGS = 0V
1.5
V
Reverse Recovery Time
trr
IF = 3A, dI/dt = 100 A/μs
11
nS
Reverse Recovery Charge
Qrr
3
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com