Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER23A Datasheet(PDF) 6 Page - Linkage Goston Electronics Co., LTD

Part # VIPER23A
Description  MOS Circuit VIPER 23 A High Accuracy Source Feedback
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

VIPER23A Datasheet(HTML) 6 Page - Linkage Goston Electronics Co., LTD

  VIPER23A Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD VIPER23A Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD VIPER23A Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD VIPER23A Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD VIPER23A Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD VIPER23A Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
-6-
Symbol
Min.
Nom.
Max.
Symbol
Min.
Nom.
Max.
A
3.60
3.80
4.00
c1
0.23
0.25
0.27
A1
0.51
-
-
D
9.05
9.25
9.45
A2
3.00
3.30
3.40
E1
6.15
6.35
6.55
A3
1.55
1.60
1.65
e
2.54BSC
b
0.44
-
0.53
eA
7.62BSC
b1
0.43
0.46
0.48
eB
7.62
-
9.30
B1
1.52BSC
eC
0
-
0.84
v1.6
MOS电路VIPer23A高精度原边反馈LED恒流驱动电路
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com