Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7202 Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7202
Description  1.5A LED driver with internal switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7202 Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7202 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7202
1.5A LED driver with internal switch
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.05
Tel: 86-10-62662828
Copy right © 2016 Maxic Technology Corporation
Page 1
DESCRIPTION
The MT7202 is a continuous mode inductive
step-down converter, designed for driving
single or multiple series connected LEDs
efficiently from a voltage source higher than
the LED voltage. The device operates from an
input supply between 6V~50V and provides an
externally adjustable output current of up to
1.5A.
The MT7202 includes the output switch and a
high-side output current sensing circuit, which
uses an external resistor to set the nominal
average output current.
Output current can be adjusted below the set
value, by applying an external control signal to
the 'ADJ' pin.
The ADJ pin will accept either a DC voltage or
a PWM waveform. Depending upon the control
frequency, this will provide either a continuous
or a gated output current. The PWM filter
components are contained within the chip.
The PWM filter provides a soft-start feature by
controlling the rise of input/output current. The
soft-start time can be increased using an
external capacitor from the ADJ pin to ground.
Applying a voltage of 0.2V or lower to the ADJ
pin turns the output off and switches the
device into a low current standby state.
APPLICATION CIRCUIT
FEATURES
Simple low parts count
1.5A output current
Single pin on/off and brightness control
using DC voltage or PWM
Internal PWM filter
Unique frequency Jitter technique to
reduce EMI
High efficiency (up to 97%)
Wide input voltage range: 6V to 50V
Output shutdown
Up to 1MHz switching frequency
Inherent open-circuit LED protection
High accuracy output current ±3%
Available in SOT89-5 packages
APPLICATION
Low voltage halogen replacement LEDs
Automotive lighting
Low voltage industrial lighting
LED back-up lighting
Illuminated signs
Stage lights


Similar Part No. - MT7202

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7200 MAXIC-MT7200 Datasheet
59Kb / 1P
Step-down High Brightness LED controller
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
logo
Marktech Corporate
MT7203-UR MARKTECH-MT7203-UR Datasheet
35Kb / 1P
Marktech 3mm Ultra Bright Red LEDs
MT7203-UR-A MARKTECH-MT7203-UR-A Datasheet
135Kb / 6P
3.0mm ROUND LED LAMP
logo
Aeroflex Circuit Techno...
MT72038 AEROFLEX-MT72038 Datasheet
112Kb / 4P
FOUR CHANNEL ARINC 429 LINE RECEIVER
More results

Similar Description - MT7202

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Diodes Incorporated
PAM2863 DIODES-PAM2863 Datasheet
402Kb / 11P
2A LED DRIVER with INTERNAL SWITCH
Rev 1
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
1.5A LED Driver with internal switch
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Feeling Technology Corp...
FP7151 FEELING-FP7151 Datasheet
384Kb / 13P
700mA LED Driver with Internal Switch
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com