Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7285 Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7285
Description  Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7285 Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7285 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7285
Boost/Buck-Boost/Buck White LED Driver
Maximizing IC Performance
With High Frequency PWM Dimming
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.20
Tel: 86-10-62662828
Copyright © 2014 Maxic Technology Corporation
Page 1
DESCRIPTION
The MT7285 is a constant current white LED
driver designed for wide input voltage range
from 4.2V to 40V system rail. The MT7285 can
be configured as Buck, Boost and Buck-Boost
topology. The MT7285 drives up to 20W
with AC12V/DC12V input voltage. Current
mode and fixed frequency operation provides
fast
transient
response
and
eases
loop
stabilization. With a current sense amplifier
threshold of 205mV, the LED current is
programmable with one external current sense
resistor and the power loss is minimized. The
450kHz
operating
frequency
minimizes
external inductor, input and output capacitor.
The MT7285 supports both PWM and analog
dimming
by
a
single
control
pin.
Fault
condition protection includes over voltage
protection (OVP), cycle-by-cycle peak current
limiting and thermal shutdown.
The MT7285 is available in ESOP8 packages.
FEATURES
4.2V to 40V input/output voltage range
High efficiency up to 95%
Cycle by Cycle Over Current Protection
External MOSFET driver
Support Boost ,Buck-Boost ,Buck topology
LED temperature protection
Stable with Low ESR Ceramic Capacitor
OTP and OVP protection
External setting over voltage protection
Fixed switching frequency: 450kHz
Frequency jittering for reduced EMI
Low feedback voltage: 205mV
Adjustable soft-start
Support one pin analog dimming and up to
10kHz PWM dimming
Available in ESOP8 package
APPLICATION
Automotive and Marine Lighting
High Power LED Driver
Torch Driver
Low Voltage LED Lighting
(Landscape, Desk, Room, MR16 lighting)
LED backlighting
TYPICAL APPLICATION (STEP-UP/BOOST APPLICATION)
R1
GND
VDD
ISEN
ADJ
COMP
OVP
CS
DRV
MT7285
VIN
VBAT
C1
Cdd
Ccomp
C2
RB1
RB2
Rcs
22nF
Rsen
9
5
6
8
1
2
3
4
7


Similar Part No. - MT7285

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results

Similar Description - MT7285

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
FEBRUARY 2012
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
4ch White LED Driver with Buck-Boost
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
4ch White LED Driver with Buck-Boost
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
Buck-boost LED driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
Buck-boost LED driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com