Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE614DX Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PE614DX
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE614DX Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE614DX Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE614DX Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE614DX Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE614DX Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV1.1
1
E-26-2
Dual N-Channel Enhancement Mode
Field Effect Transistor
PE614DX
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
D1 D1 D2 D2
S1 G1 S2 G2
#1
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Gate-Source Voltage
VGS
±10
V
Continuous Drain Curren
3
TC = 25 °C
ID
30
A
TC = 100 °C
19
TA = 25 °C
11
TA = 70 °C
9
Pulsed Drain Current
1
IDM
80
Avalanche Current
IAS
22
Avalanche Energy
L = 0.1mH
EAS
24
mJ
Power Dissipation
TC = 25 °C
PD
17.8
W
TC = 100 °C
7
TA = 25 °C
2.5
TA = 70 °C
1.6
ESD Class
HBM
2kV
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATING
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
2
RJA
50
°C / W
Junction-to-Case
RJC
7
1Pulse width limited by maximum junction temperature.
2 The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25° C.
3Package limitation current is 7A.
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
20V
12.5mΩ
30A
G : GATE
D : DRAIN
S : SOURCE


Similar Part No. - PE614DX

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
PE614DX UNIKC-PE614DX Datasheet
518Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - PE614DX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com