Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE614DX Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PE614DX
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE614DX Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE614DX Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE614DX Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE614DX Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE614DX Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV1.1
2
E-26-2
Dual N-Channel Enhancement Mode
Field Effect Transistor
PE614DX
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
20
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
0.35
0.67
1
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±8V
30
A
Zero Gate Voltage Drain Current
IDSS
VDS = 16V, VGS = 0V
1
A
VDS = 10V, VGS = 0V, TJ = 125 °C
10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 4.5V, ID = 3A
8.5
10
12.5
mΩ
VGS = 3.9V, ID = 3A
8.7
10.2
13.7
VGS = 2.5V, ID = 3A
10
11.5
15
VGS = 1.8V, ID = 3A
12.7
14.2
20.2
Forward Transconductance
1
gfs
VDS = 5V, ID = 3A
35
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 10V, f = 1MHz
1105
pF
Output Capacitance
Coss
198
Reverse Transfer Capacitance
Crss
169
Total Gate Charge
2
Qg(VGS=4.5V)
VDS =10V,ID = 3A
17
nC
Qg(VGS=3.9V)
15
Gate-Source Charge
2
Qgs
1.4
Gate-Drain Charge
2
Qgd
5
Turn-On Delay Time
2
td(on)
VDD = 10V,
ID  3A, VGS = 4.5V, RGEN = 6Ω
22
nS
Rise Time
2
tr
34
Turn-Off Delay Time
2
td(off)
51
Fall Time
2
tf
17
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 ° C)
Continuous Current
3
IS
14.8
A
Forward Voltage
1
VSD
IF = 3A, VGS = 0V
1.2
V
Reverse Recovery Time
trr
IF = 3A, dlF/dt = 100A / S
VGS = 0V
14
nS
Reverse Recovery Charge
Qrr
5.4
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is 7A.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com