Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N/A Datasheet(PDF) 2 Page - Qorvo, Inc

Part # N/A
Description  75 25 dB CATV Amplifier (47 ??1218 MHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

N/A Datasheet(HTML) 2 Page - Qorvo, Inc

  N/A Datasheet HTML 1Page - Qorvo, Inc N/A Datasheet HTML 2Page - Qorvo, Inc N/A Datasheet HTML 3Page - Qorvo, Inc N/A Datasheet HTML 4Page - Qorvo, Inc N/A Datasheet HTML 5Page - Qorvo, Inc N/A Datasheet HTML 6Page - Qorvo, Inc N/A Datasheet HTML 7Page - Qorvo, Inc N/A Datasheet HTML 8Page - Qorvo, Inc N/A Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
QPB7425
75 Ω 25 dB CATV Amplifier (47 – 1218 MHz)
Data Sheet
–Rev C, November 5, 2018 | Subject to change without notice
- 2 of 24 -
www.qorvo.com
®
Electrical Specifications
– 3V
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Voltage (VDD)
3
V
Supply Current (IDD)
40
mA
Frequency Range
47
1218
MHz
Gain
24
dB
Gain Slope
0.5
dB
Reverse Isolation
26
dB
Input Return Loss
17
dB
Output Return Loss
16
dB
Noise Figure
1.2
dB
CSO
21
 dBmV / ch output, 80 NTSC + 108 QAM, flat
51
dBc
CTB
21
 dBmV / ch output, 80 NTSC + 108 QAM, flat
73
dBc
CCN
21
 dBmV / ch output, 80 NTSC + 108 QAM, flat
50
dB
OIP2L
7
 dBm / tone output
36
dBm
OIP2H
7 dBm / tone output
37
dBm
OIP3
7 dBm / tone output
27
dBm
OP1dB
15.4
dBm
Thermal Resistance
ΘJC
35
˚C/W
Notes:
1. Typical performance at these conditions: Temp = +25 °C, VDD = +8 V, 75 Ω system, Full band unless otherwise noted
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VDD)
+10
 V
Supply Current (IDD)
140
 mA
Maximum Input Level
65
 dBmV
Operating Temperature Range
-40 to +85
 °C
Storage Temperature Range
−65 to +150 °C
Maximum Junction Temperature
+150
 °C
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute Maximum Rating conditions to the device may
reduce device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com