Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N/A Datasheet(PDF) 21 Page - Qorvo, Inc

Part # N/A
Description  75 25 dB CATV Amplifier (47 ??1218 MHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

N/A Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button N/A Datasheet HTML 16Page - Qorvo, Inc N/A Datasheet HTML 17Page - Qorvo, Inc N/A Datasheet HTML 18Page - Qorvo, Inc N/A Datasheet HTML 19Page - Qorvo, Inc N/A Datasheet HTML 20Page - Qorvo, Inc N/A Datasheet HTML 21Page - Qorvo, Inc N/A Datasheet HTML 22Page - Qorvo, Inc N/A Datasheet HTML 23Page - Qorvo, Inc N/A Datasheet HTML 24Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
QPB7425
75 Ω 25 dB CATV Amplifier (47 – 1218 MHz)
Data Sheet
–Rev C, November 5, 2018 | Subject to change without notice
- 21 of 24 -
www.qorvo.com
®
Pin Configuration and Description
Top View
Pin No.
Label
Description
1
RF IN
RF Input, DC blocking capacitor required
2
GND
Internally Not Connected
3
RF OUT / VDD
RF Output
– VDD bias choke required
Backside Paddle
GND
Ground. Use recommended via pattern to minimize inductance and thermal resistance. See PCB
Mounting Pattern for suggested footprint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com