Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP229 Datasheet(PDF) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP229
Description  Advanced PMU for Multi-core Application Processors integrated High-Accuracy Gas Gauge and Flash Charger
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP229 Datasheet(HTML) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP229 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP229 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP229 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP229 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXP229
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 1.0
2
E-Gauge
™ System
- Highly accurate gauge system with dual
modes
- Easy Mode: highly adaptive to different
Powers
- Exact Mode: highly accurate data is provided
for specific power(2%)
- Provides rich power information, such as
instantaneous power consumption (mA or
mW), remaining power (% or mA), charge
status (%), remaining power life, charge time,
etc.
- Low power warning and low power protection
- Provides die temperature
System Management
- Supports soft reset and hard reset
- Supports soft shutdown and hard shutdown
- Supports external wakeup triggers
- Supports PWROK for system rest or shutdown
indication
- External power detection(insert/remove/drive
strength deficiency)
- All output voltage support software boot
- Over/Under-voltage protection (OVP/UVP)
- Over-current protection (OCP)
-Over-temperature protection (OTP)
High Integration
- Highly accurate (0.5%) reference voltage
- Integrates MOSFET
APPLICATIONS
Tablets, smartphones, smart TVs, DVRs
UMPC and UMPC-like, student computers
DESCRIPTION
AXP229 is a highly integrated PMIC targeted at single
cell Li-battery (Li-ion or Li-polymer) appli-cations
that require multi-channe power conversion outputs.
It provides an easy and flexible power management
solution for multi-core processors to meet the
increasingly complex and accurate Require-
ments of power control.
AXP229 comes with an adaptive USB3.0-co-mpatible
Flash Charger that supports up to 94% efficiency and
2.2A charge current. It also provides 21 power output
channels (including 5-CH DCDC, with efficiency up to
95%). To ensure the security and stability of the
power system, AXP229 provides multiple-channel 12-
bit ADC for voltage/current temperature monitoring
and integrates protection circuits such as OVP, UVP,
OTP, and OCP. Moreover, AXP229integrates a unique
E-Gauge
™ system which simplifies battery power
measurement.
In addition, AXP229 contains a fast interface for the
system to dynamically adjust output voltage and
enable work mode switch in order to optimize battery
life.
Importantly, AXP229 also features an IPS
™
(Intelligent Power Select) circuit that transparently
selects power path among USB, external adaptor, Li-
battery, and system load, allowing the system to
function normally when only running on external
input power and not the battery.
AXP229 is available in 8mm x 8mm x 0.75mm 68-pin
QFN package.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com