Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP229 Datasheet(PDF) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP229
Description  Advanced PMU for Multi-core Application Processors integrated High-Accuracy Gas Gauge and Flash Charger
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP229 Datasheet(HTML) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP229 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP229 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP229 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP229 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXP229
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 1.0
1
Advanced PMU for Multi-core Application Processors
integrated High-Accuracy Gas Gauge and Flash Charger
FEATURES
IPS
™
-Input voltage range: 2.9V~6.3V (AMR: -0.3V~
11V)
-Configurable IPS
™ system
- Adaptive USB/AC adaptor voltage/current
limit (4.0V/900mA/500mA)
Flash Charger
-Integrated MOSFET charge current up to 2.2A
- Battery temperature monitor
- Fully supports USB charge
-High charge accuracy,
±0.5% accurency
-Supports 4.1V/4.2V/4.24V/4.35V battery
-Automatic charge control
-Supports LED to indicate charge status
-Automatic charge current adjustment based
on system load
Buck DC-DC Converters (5-CH)
-DC-DC1: 1.6V~3.4V adjustable, 100mV/step,
load current up to 1.4A
-DC-DC2: 0.6V~1.54V adjustable, 20mV/step,
load current up to 3A, supports VRC
(Voltage Ramp Control)
-DC-DC3: 0.6V-1.86V adjustable, 20mV/step,
load current up to 3A
- DC-DC4: 0.6V-1.54V adjustable, 20mV/step,
load current up to 0.6A
- DC-DC5: 1.0V-2.55V adjustable, 50mV/step,
load current up to 2A
LDOs (12-CH)
-RTC_VCC: 100mA, always valid
-ALDO1/2: low noise LDO, 0.7V~3.3V adjustable,
100mV/step, load current up to 300mA
- ALDO3: low noise LDO, 0.7V~3.3V adjustable,
100mV/step, load current up to 200mA
- LDOIO0/LDOIO1: low noise LDO, 0.7V~3.3V
adjustable, 100mV/step, load current up to
100mA
- DLDO1: 0.7~3.3V adjustable, 100mV/step,
3.4~4.2V adjustable, 200mV/step, load
current up to 400mA
- DLDO2 : 0.7~3.3V adjustable, 100mV/step,
load current up to 100mA
- ELDO1 : 0.7~3.3V adjustable, 100mV/step,
load current up to 400mA
- ELDO2/ ELDO3: 0.7~3.3V adjustable
100mV/step, load current up to200mA
- DC5LDO: 0.7V~1.4V adjustable, 100mV/step,
load current up to 200mA
Switch (3-CH)
- DC1SW: internal resistance 100mOhm,
power sourced from DCDC1
- SWOUT: internal resistance 100mOhm,
power sourced from SWIN
- CHGLED:100mA sink strength, can be used to
drive the motor and charging LED
Host Interface
- P2WI (Push-Pull Two Wire Interface) for
host communication
- Configurable interrupt management
- Flexible pin function configuration: 2 GPIOs
can be set as IO or LDO, etc
- Integrated timer
- 12 groups of registers for system shutdown
data storage


Similar Part No. - AXP229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP221 ETC2-AXP221 Datasheet
2Mb / 52P
PMIC Optimized For Multi-Core High-Performance System
AXP223 ETC2-AXP223 Datasheet
2Mb / 56P
PMIC Optimized For Multi-Core High-Performance System
logo
Shenzhen X-Powers Techn...
AXP228 XPOWER-AXP228 Datasheet
757Kb / 4P
Advanced PMU for Multi-core Application Processors integrated High-Accuracy Gas Gauge and Flash Charger
More results

Similar Description - AXP229

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
logo
Shenzhen X-Powers Techn...
AXP216 XPOWER-AXP216 Datasheet
255Kb / 4P
Advanced PMU for Multi-core Application Processors integrated High-Accuracy Gas Gauge and Flash Charger
AXP228 XPOWER-AXP228 Datasheet
757Kb / 4P
Advanced PMU for Multi-core Application Processors integrated High-Accuracy Gas Gauge and Flash Charger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com