Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS91M68 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS91M68
Description  8-bit MCU with 1k program ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS91M68 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS91M68 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
FS91M68
R2F Conversion Module
Address
Name
Content
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
00EH
PT1MR
BPE2
BPE1
CH_S
RF_EN
-
-
-
-
018H
CKCON
LCD_S
PMPEN
PCK_S
BP_S
TMRST
GT_S[2:0]
019H
TMCNTH
TMCNT[15:8]
01AH
TMCNTL
TMCNT[7:0]
01BH
RSCNTH
RSCNT[15:8]
01CH
RSCNTL
RSCNT[7:0]
01DH
LowBatDct
lbEN
lowPwr
-
-
-
-
BiasSEL1 BiasSEL0
RF_EN enables R/F (Resistor to Frequency) switch module.
CH_S=0 selects reference resistor (RF part) oscillator, CH_S=1 selects sensor resistor (RS part) oscillator.
LCD_S:LCD clock setup.
PMPEN:Clock enable in step-up circuit.
PCK_S:Clock setup in step-up circuit.
BP_S:Buzzer clock setup.
TMCNT is the Timer for Gate time; RSCNT is The Counter for RF module.
GT_S is for Gate time setting of RF module, please refer to the table below.
TMRST:”0” clears all counter and stops counting;” 0 1 ” starts to count until Gate time interrupt occurs.
When TMCNT re-counts, TMRST must be set as 0 first, so TMCNT and RSCNT will be cleared
as 0. When TMRST is set as 1, TMCNT and RSCNT start counting until TMCNT[N]1
0. Then
TMCNT and RSCNT stop counting and store the value at the same time.
Rs
2200pF
Vref
Inside FS91M68
Rf
Rs
Rf
SC
Analog Switch
TMCNT [7:0]
Fsys
TMCNT [15:8]
GT_S [2:0]
Interrupt Signal
TMRST
RSCNT [15:0]
CPU
EN
Figure 10-4 R2F Conversion Module
Rev. 1.3
13/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com