Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS91M68 Datasheet(PDF) 21 Page - Fortune Semiconductor Corp.

Part # FS91M68
Description  8-bit MCU with 1k program ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS91M68 Datasheet(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS91M68 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS91M68 Datasheet HTML 24Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
FS91M68
MOVFW
Move f to W
Syntax:
MOVFW
f
0
≤ f ≤ FFh
Operation:
[W]
← [f]
Flag Affected:
None
Description:
Move data from [f] to the W
register.
Cycle:
1
Example:
MOVFW
OPERAND
Before instruction:
W = 88h, OPERAND = 23h
After instruction:
W = 23h, OPERAND = 23h
MOVLW
Move literal to W
Syntax:
MOVLW
k
0
≤ k ≤ FFh
Operation:
[W]
← k
Flag Affected:
None
Description:
Move the eight-bit literal "k" to
the content of the W register.
Cycle:
1
Example:
MOVLW
23H
Before instruction:
W = 88h
After instruction:
W = 23h
MOVWF
Move W to f
Syntax:
MOVWF
f
0
≤ f ≤ FFh
Operation:
[f]
← [W]
Flag Affected:
None
Description:
Move data from the W register
to [f].
Cycle:
1
Example:
MOVWF
OPERAND
Before instruction:
W = 88h, OPERAND = 23h
After instruction:
W = 88h, OPERAND = 88h
NOP
No Operation
Syntax:
NOP
Operation:
No Operation
Flag Affected:
None
Description:
No operation. NOP is used for
one instruction cycle delay.
Cycle:
1
RETFIE
Return from Interrupt
Syntax:
RETFIE
Operation:
[Top Stack] => PC
Pop Stack
1 => GIE
Flag Affected:
None
Description:
The program counter is loaded
from the top stack, then pop
stack. Setting the GIE bit
enables interrupts.
Cycle:
2
Example:
RETFIE
After instruction:
PC = [Top Stack]
GIE = 1
RETLW
Return and move literal to W
Syntax:
RETLW
k
0
≤ k ≤ FFh
Operation:
[W]
← k
[Top Stack] => PC
Pop Stack
Flag Affected:
None
Description:
Move the eight-bit literal "k" to
the content of the W register.
The program counter is loaded
from the top stack, then pop
stack.
Cycle:
2
Example:
CALL TABLE
:
TABLE
ADDWF PC
RETLW
k0
RETLW
k1
:
RETLW
kn
Before instruction:
WREG = 0x07
After instruction:
WREG = value of k7
Return
Return from Subroutine
Syntax:
RETURN
Operation:
[Top Stack] => PC
Pop Stack
Flag Affected:
None
Description:
The program counter is loaded
from the top stack, then pop
stack.
Cycle:
2
Example:
Return
After instruction:
PC = [Top Stack]
Rev. 1.3
21/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com